Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 281Page - Renesas Technology Corp 38K2 Datasheet HTML 282Page - Renesas Technology Corp 38K2 Datasheet HTML 283Page - Renesas Technology Corp 38K2 Datasheet HTML 284Page - Renesas Technology Corp 38K2 Datasheet HTML 285Page - Renesas Technology Corp 38K2 Datasheet HTML 286Page - Renesas Technology Corp 38K2 Datasheet HTML 287Page - Renesas Technology Corp 38K2 Datasheet HTML 288Page - Renesas Technology Corp 38K2 Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 358 page
background image
3.2 Notes on use
Rev.2.00
Oct 15, 2006
page 24 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
3.2.5 Notes on serial I/O
(1)
Notes when selecting clock synchronous serial I/O (Serial I/O)
➀ Stop of transmission operation
Clear the serial I/O enable bit and the transmit enable bit to “0” (Serial I/O and transmit disabled).
q Reason
Since transmission is not stopped and the transmission circuit is not initialized even if only the
serial I/O enable bit is cleared to “0” (Serial I/O disabled), the internal transmission is running (in
this case, since pins TxD, RxD, SCLK, and SRDY function as I/O ports, the transmission data is not
output). When data is written to the transmit buffer register in this state, data starts to be shifted
to the transmit shift register. When the serial I/O enable bit is set to “1” at this time, the data during
internally shifting is output to the TxD pin and an operation failure occurs.
➁ Stop of receive operation
Clear the receive enable bit to “0” (receive disabled), or clear the serial I/O enable bit to “0” (Serial
I/O disabled).
➂ Stop of transmit/receive operation
Clear the transmit enable bit and receive enable bit to “0” simultaneously (transmit and receive
disabled).
(when data is transmitted and received in the clock synchronous serial I/O mode, any one of data
transmission and reception cannot be stopped.)
q Reason
In the clock synchronous serial I/O mode, the same clock is used for transmission and reception.
If any one of transmission and reception is disabled, a bit error occurs because transmission and
reception cannot be synchronized.
In this mode, the clock circuit of the transmission circuit also operates for data reception. Accordingly,
the transmission circuit does not stop by clearing only the transmit enable bit to “0” (transmit
disabled). Also, the transmission circuit is not initialized by clearing the serial I/O enable bit to “0”
(Serial I/O disabled) (refer to (1) ➀).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com