Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 288 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 288 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 284Page - Renesas Technology Corp 38K2 Datasheet HTML 285Page - Renesas Technology Corp 38K2 Datasheet HTML 286Page - Renesas Technology Corp 38K2 Datasheet HTML 287Page - Renesas Technology Corp 38K2 Datasheet HTML 288Page - Renesas Technology Corp 38K2 Datasheet HTML 289Page - Renesas Technology Corp 38K2 Datasheet HTML 290Page - Renesas Technology Corp 38K2 Datasheet HTML 291Page - Renesas Technology Corp 38K2 Datasheet HTML 292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 358 page
background image
3.2 Notes on use
Rev.2.00
Oct 15, 2006
page 27 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
3.2.7 Notes on A/D converter
(1)
Analog input pin
Make the signal source impedance for analog input low, or equip an analog input pin with an external
capacitor of 0.01
µF to 1 µF. Further, be sure to verify the operation of application products on the
user side.
q Reason
An analog input pin includes the capacitor for analog voltage comparison. Accordingly, when
signals from signal source with high impedance are input to an analog input pin, charge and
discharge noise generates. This may cause the A/D conversion precision to be worse.
(2)
Clock frequency during A/D conversion
The comparator consists of a capacity coupling, and a charge of the capacity will be lost if the clock
frequency is too low. Thus, make sure the following during an A/D conversion.
• f(XIN) is 500 kHz or more
• Do not execute the STP instruction
3.2.8 Notes on watchdog timer
qMake sure that the watchdog timer does not underflow while waiting Stop release, because the watchdog
timer keeps counting during that term.
qWhen the STP instruction disable bit has been set to “1”, it is impossible to switch it to “0” by a program
____________
3.2.9 Notes on RESET pin
Connecting capacitor
In case where the RESET signal rise time is long, connect a ceramic capacitor or others across the
RESET pin and the VSS pin. Use a 1000 pF or more capacitor for high frequency use. When
connecting the capacitor, note the following :
• Make the length of the wiring which is connected to a capacitor as short as possible.
• Be sure to verify the operation of application products on the user side.
q Reason
If the several nanosecond or several ten nanosecond impulse noise enters the RESET pin, it may
cause a microcomputer failure.
3.2.10 Notes on PLL
q6 MHZ or 12 MHZ external oscillator can be connected as an input reference clock (f(XIN)). When using
the frequency synthesized clock function, we recommend using the fastest frequency possible of f(XIN)
as an input clock reference for the PLL.
qWhen enabling PLL operation from PLL disabled status (disabled when reset), set the USB clock select
bit of USBCON to “0” (f(XIN)) to operate with the main clock (f(XIN)).
qWhen supplying fVCO to the USB block after setting PLL operation enable bit to “1” (PLL enabled), wait
for the oscillation stable time (1 ms or less) of PLL to avoid any instability caused by the clock, then set
USB clock select bit to “1” (USB clock).
qWhen selecting fSYN as an internal system clock, fUSB must be 48 MHz.
qWhen selecting fSYN as an internal system clock, change the system clock selection bit to main clock
(f(XIN)) before executing STP instruction. It is because the following are needed for the low-power consumption:
•fUSB must be stopped by disabling PLL operation in Stop mode.
•The taimer 1 for waiting oscillation stabilization when returning from Stop mode will require the input
count source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com