Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 286 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 286 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 282Page - Renesas Technology Corp 38K2 Datasheet HTML 283Page - Renesas Technology Corp 38K2 Datasheet HTML 284Page - Renesas Technology Corp 38K2 Datasheet HTML 285Page - Renesas Technology Corp 38K2 Datasheet HTML 286Page - Renesas Technology Corp 38K2 Datasheet HTML 287Page - Renesas Technology Corp 38K2 Datasheet HTML 288Page - Renesas Technology Corp 38K2 Datasheet HTML 289Page - Renesas Technology Corp 38K2 Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 358 page
background image
3.2 Notes on use
Rev.2.00
Oct 15, 2006
page 25 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
(2)
Notes when selecting clock asynchronous serial I/O (Serial I/O)
➀ Stop of transmission operation
Clear the transmit enable bit to “0” (transmit disabled).
q Reason
Since transmission is not stopped and the transmission circuit is not initialized even if only the
serial I/O enable bit is cleared to “0” (Serial I/O disabled), the internal transmission is running (in
this case, since pins TxD, RxD, SCLK, and SRDY function as I/O ports, the transmission data is not
output). When data is written to the transmit buffer register in this state, data starts to be shifted
to the transmit shift register. When the serial I/O enable bit is set to “1” at this time, the data during
internally shifting is output to the TxD pin and an operation failure occurs.
➁ Stop of receive operation
Clear the receive enable bit to “0” (receive disabled).
➂ Stop of transmit/receive operation
Only transmission operation is stopped.
Clear the transmit enable bit to “0” (transmit disabled).
q Reason
Since transmission is not stopped and the transmission circuit is not initialized even if only the
serial I/O enable bit is cleared to “0” (Serial I/O disabled), the internal transmission is running (in
this case, since pins TxD, RxD, SCLK, and SRDY function as I/O ports, the transmission data is not
output). When data is written to the transmit buffer register in this state, data starts to be shifted
to the transmit shift register. When the serial I/O enable bit is set to “1” at this time, the data during
internally shifting is output to the TxD pin and an operation failure occurs.
Only receive operation is stopped.
Clear the receive enable bit to “0” (receive disabled).
(3)
SRDY output of reception side (Serial I/O)
When signals are output from the SRDY pin on the reception side by using an external clock in the
clock synchronous serial I/O mode, set all of the receive enable bit, the SRDY output enable bit, and
the transmit enable bit to “1” (transmit enabled).
(4)
Setting serial I/O control register again (Serial I/O)
Set the serial I/O control register again after the transmission and the reception circuits are reset by
clearing both the transmit enable bit and the receive enable bit to “0.”
Fig. 3.2.3 Sequence of setting serial I/O control register again
Clear both the transmit enable bit (TE)
and the receive enable bit (RE) to “0”
↓
Set the bits 0 to 3 and bit 6 of the
serial I/O control register
↓
Set both the transmit enable bit (TE) and
the receive enable bit (RE), or one of
them to “1”
Can be set with the LDM instruction at the same time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com