Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 439 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 435Page - Renesas Technology Corp HD6432607 Datasheet HTML 436Page - Renesas Technology Corp HD6432607 Datasheet HTML 437Page - Renesas Technology Corp HD6432607 Datasheet HTML 438Page - Renesas Technology Corp HD6432607 Datasheet HTML 439Page - Renesas Technology Corp HD6432607 Datasheet HTML 440Page - Renesas Technology Corp HD6432607 Datasheet HTML 441Page - Renesas Technology Corp HD6432607 Datasheet HTML 442Page - Renesas Technology Corp HD6432607 Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 710 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 1.00 Jan. 29, 2008 Page 399 of 666
REJ09B0427-0100
Yes
<End>
[1]
No
Initialization
Start transmission/reception
[5]
Error processing
[3]
Read receive data in RDR, and
clear RDRF flag in SSR to 0
No
Yes
ORER = 1
All data received?
[2]
Read TDRE flag in SSR
No
Yes
TDRE = 1
Write transmit data to TDR and
clear TDRE flag in SSR to 0
No
Yes
RDRF = 1
Read ORER flag in SSR
[4]
Read RDRF flag in SSR
Clear TE and RE bits in SCR to 0
[1]
SCI initialization:
The TxD pin is designated as the
transmit data output pin, and the RxD
pin is designated as the receive data
input pin, enabling simultaneous
transmit and receive operations.
[2]
SCI status check and transmit data
write:
Read SSR and check that the TDRE
flag is set to 1, then write transmit
data to TDR and clear the TDRE flag
to 0.
Transition of the TDRE flag from 0 to
1 can also be identified by a TXI
interrupt.
[3]
Receive error processing:
If a receive error occurs, read the
ORER flag in SSR, and after
performing the appropriate error
processing, clear the ORER flag to 0.
Transmission/reception cannot be
resumed if the ORER flag is set to 1.
[4]
SCI status check and receive data
read:
Read SSR and check that the RDRF
flag is set to 1, then read the receive
data in RDR and clear the RDRF flag
to 0. Transition of the RDRF flag from
0 to 1 can also be identified by an RXI
interrupt.
[5]
Serial transmission/reception
continuation procedure:
To continue serial transmission/
reception, before the MSB (bit 7) of
the current frame is received, finish
reading the RDRF flag, reading RDR,
and clearing the RDRF flag to 0.
Also, before the MSB (bit 7) of the
current frame is transmitted, read 1
from the TDRE flag to confirm that
writing is possible. Then write data to
TDR and clear the TDRE flag to 0.
Checking and clearing of the TDRE
flag is automatic when the DTC is
activated by a transmit data empty
interrupt (TXI) request and data is
written to TDR. Also, the RDRF flag
is cleared automatically when the
DTC is activated by a receive data full
interrupt (RXI) request and the RDR
value is read.
Note:* When switching from transmit or receive operation to simultaneous
transmit and receive operations, first clear the TE bit and RE bit to 0,
then set both these bits to 1 simultaneously.
Figure 13.20 Sample Flowchart of Simultaneous Serial Transmit and Receive Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com