Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 440 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 440 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 436Page - Renesas Technology Corp HD6432607 Datasheet HTML 437Page - Renesas Technology Corp HD6432607 Datasheet HTML 438Page - Renesas Technology Corp HD6432607 Datasheet HTML 439Page - Renesas Technology Corp HD6432607 Datasheet HTML 440Page - Renesas Technology Corp HD6432607 Datasheet HTML 441Page - Renesas Technology Corp HD6432607 Datasheet HTML 442Page - Renesas Technology Corp HD6432607 Datasheet HTML 443Page - Renesas Technology Corp HD6432607 Datasheet HTML 444Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 710 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 1.00 Jan. 29, 2008 Page 400 of 666
REJ09B0427-0100
13.7
Operation in Smart Card Interface
The SCI supports an IC card (smart card) interface that conforms to ISO/IEC 7816-3
(Identification Card) as a serial communication interface extension function. Switching between
the normal serial communication interface and the smart card interface mode is carried out by
means of a register setting.
13.7.1
Pin Connection Example
Figure 13.21 shows an example of connection with the smart card. In communication with an IC
card, as both transmission and reception are carried out on a single data transmission line, the TxD
pin and RxD pin should be connected to the LSI pin. The data transmission line should be pulled
up to the V
CC power supply with a resistor. If an IC card is not connected, and the TE and RE bits
are both set to 1, closed transmission/reception is possible, enabling self-diagnosis to be carried
out. When the clock generated on the smart card interface is used by an IC card, the SCK pin
output is input to the CLK pin of the IC card. This LSI port output is used as the reset signal.
TxD
RxD
This LSI
VCC
I/O
Connected equipment
IC card
Data line
Clock line
Reset line
CLK
RST
SCK
Rx (port)
Figure 13.21 Schematic Diagram of Smart Card Interface Pin Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com