Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 443 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 443 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 439Page - Renesas Technology Corp HD6432607 Datasheet HTML 440Page - Renesas Technology Corp HD6432607 Datasheet HTML 441Page - Renesas Technology Corp HD6432607 Datasheet HTML 442Page - Renesas Technology Corp HD6432607 Datasheet HTML 443Page - Renesas Technology Corp HD6432607 Datasheet HTML 444Page - Renesas Technology Corp HD6432607 Datasheet HTML 445Page - Renesas Technology Corp HD6432607 Datasheet HTML 446Page - Renesas Technology Corp HD6432607 Datasheet HTML 447Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 710 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 1.00 Jan. 29, 2008 Page 403 of 666
REJ09B0427-0100
13.7.4
Receive Data Sampling Timing and Reception Margin in Smart Card Interface
Mode
In smart card interface mode, the SCI operates on a basic clock with a frequency of 32, 64, 372, or
256 times the transfer rate (fixed at 16 times in normal asynchronous mode) as determined by bits
BCP1 and BCP0. In reception, the SCI samples the falling edge of the start bit using the basic
clock, and performs internal synchronization. As shown in figure 13.25, by sampling receive data
at the rising-edge of the 16th, 32nd, 186th, or 128th pulse of the basic clock, data can be latched at
the middle of the bit. The reception margin is given by the following formula.
M = | (0.5 –
) – (L – 0.5) F –
(1 + F) |
× 100%
1
2N
| D – 0.5 |
N
Where M: Reception margin (%)
N: Ratio of bit rate to clock (N = 32, 64, 372, and 256)
D: Clock duty cycle (D = 0 to 1.0)
L: Frame length (L = 10)
F:
Absolute value of clock frequency deviation
Assuming values of F = 0, D = 0.5 and N = 372 in the above formula, the reception margin
formula is as follows.
M = (0.5 – 1/2
× 372) × 100%
= 49.866%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com