Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 99Page - Renesas Technology Corp HD6432607 Datasheet HTML 100Page - Renesas Technology Corp HD6432607 Datasheet HTML 101Page - Renesas Technology Corp HD6432607 Datasheet HTML 102Page - Renesas Technology Corp HD6432607 Datasheet HTML 103Page - Renesas Technology Corp HD6432607 Datasheet HTML 104Page - Renesas Technology Corp HD6432607 Datasheet HTML 105Page - Renesas Technology Corp HD6432607 Datasheet HTML 106Page - Renesas Technology Corp HD6432607 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 710 page
background image
Section 4 Exception Handling
Rev. 1.00 Jan. 29, 2008 Page 63 of 666
REJ09B0427-0100
Vector Address*
1
Exception Source
Vector Number
Normal Mode*
2
Advanced Mode
Internal interrupt*
3
24
127
H'0030 to H'0031
H'00FE to H'00FF
H'0060 to H'0063
H'01FC to H'01FF
Notes: 1. Lower 16 bits of the address.
2. Not available in this LSI.
3. For details of internal interrupt vectors, see section 5.5, Interrupt Exception Handling
Vector Table.
4. For direct transitions, see section 21.10, Direct Transitions.
4.3
Reset
A reset has the highest exception priority.
When the
RES pin goes low, all processing halts and this LSI enters the reset state. To ensure that
this LSI is reset, hold the
RES pin low for at least 20 ms at power-up. To reset the chip during
operation, hold the
RES pin low for at least 20 states. A reset initializes the internal state of the
CPU and the registers of on-chip peripheral modules.
The chip can also be reset by overflow of the watchdog timer. For details, see section 12,
Watchdog Timer (WDT).
The interrupt control mode is 0 immediately after reset.
4.3.1
Reset Exception Handling
When the
RES pin goes high after being held low for the necessary period, this LSI starts reset
exception handling as follows:
1. The internal state of the CPU and the registers of the on-chip peripheral modules are
initialized, the T bit in EXR is cleared to 0, and the I bit in EXR and CCR is set to 1.
2. The reset exception handling vector address is read and transferred to the PC, and program
execution starts from the address indicated by the PC.
Figures 4.1 and 4.2 show examples of the reset sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com