Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 102Page - Renesas Technology Corp HD6432607 Datasheet HTML 103Page - Renesas Technology Corp HD6432607 Datasheet HTML 104Page - Renesas Technology Corp HD6432607 Datasheet HTML 105Page - Renesas Technology Corp HD6432607 Datasheet HTML 106Page - Renesas Technology Corp HD6432607 Datasheet HTML 107Page - Renesas Technology Corp HD6432607 Datasheet HTML 108Page - Renesas Technology Corp HD6432607 Datasheet HTML 109Page - Renesas Technology Corp HD6432607 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 710 page
background image
Section 4 Exception Handling
Rev. 1.00 Jan. 29, 2008 Page 66 of 666
REJ09B0427-0100
4.3.2
Interrupts after Reset
If an interrupt is accepted immediately after a reset and before the stack pointer (SP) is initialized,
the PC and CCR will not be saved correctly, leading to a program crash. To prevent this, all
interrupt requests, including NMI, are disabled immediately after a reset exception handling is
executed. Since the first instruction of a program is always executed immediately after the reset,
make sure that this instruction initializes the stack pointer (example: MOV.L #xx: 32, SP).
4.3.3
State of On-Chip Peripheral Modules after Reset Release
After reset release, MSTPCRA to MSTPCRA are initialized to H'3F, H'FF, and H'FF, and
B'11xxxxxx respectively, and all modules except the DTC enter module stop mode. Consequently,
on-chip peripheral module registers cannot be read or written to. Register reading and writing is
enabled when the module stop mode is cancelled.
Note:
The initial values of bits 5 to 0 in MSTPCRD are undefined.
4.4
Traces
Traces are enabled in interrupt control mode 2. Trace mode is not activated in interrupt control
mode 0, irrespective of the state of the T bit. For details of interrupt control modes, see section 5,
Interrupt Controller.
If the T bit in EXR is set to 1, trace mode is activated. In trace mode, a trace exception occurs on
completion of each instruction. Trace mode is not affected by interrupt mask bit in CCR. Table 4.3
shows the states of CCR and EXR after execution of trace exception handling. Trace mode is
cancelled by clearing the T bit in EXR to 0 with the trace exception handling. The T bit saved on
the stack retains its value of 1, and when control is returned from the trace exception handling
routine by the RTE instruction, trace mode resumes. Trace exception handling is not carried out
after execution of the RTE instruction.
Interrupts are accepted even within the trace exception handling routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com