Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 103Page - Renesas Technology Corp HD6432607 Datasheet HTML 104Page - Renesas Technology Corp HD6432607 Datasheet HTML 105Page - Renesas Technology Corp HD6432607 Datasheet HTML 106Page - Renesas Technology Corp HD6432607 Datasheet HTML 107Page - Renesas Technology Corp HD6432607 Datasheet HTML 108Page - Renesas Technology Corp HD6432607 Datasheet HTML 109Page - Renesas Technology Corp HD6432607 Datasheet HTML 110Page - Renesas Technology Corp HD6432607 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 710 page
background image
Section 4 Exception Handling
Rev. 1.00 Jan. 29, 2008 Page 67 of 666
REJ09B0427-0100
Table 4.3
Statuses of CCR and EXR after Trace Exception Handling
CCR
EXR
Interrupt Control Mode
I
UI
I2 to I0
T
0
Trace exception handling cannot be used.
2
1
—
—
0
[Legend]
1:
Set to 1
0:
Cleared to 0
—:
Retains value prior to execution
4.5
Interrupts
Interrupts are controlled by the interrupt controller. The interrupt controller has two interrupt
control modes and can assign interrupts other than NMI to eight priority/mask levels to enable
multiplexed interrupt control. The source to start interrupt exception handling and the vector
address differ depending on the product. For details, refer to section 5, Interrupt Controller.
Interrupt exception handling is conducted as follows:
1. The values in the program counter (PC), condition code register (CCR), and extended control
register (EXR) are saved to the stack.
2. The interrupt mask bit is updated and the T bit is cleared to 0.
3. A vector address corresponding to the interrupt source is generated, the start address is loaded
from the vector table to the PC, and program execution begins from that address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com