Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 168Page - Renesas Technology Corp HD6432607 Datasheet HTML 169Page - Renesas Technology Corp HD6432607 Datasheet HTML 170Page - Renesas Technology Corp HD6432607 Datasheet HTML 171Page - Renesas Technology Corp HD6432607 Datasheet HTML 172Page - Renesas Technology Corp HD6432607 Datasheet HTML 173Page - Renesas Technology Corp HD6432607 Datasheet HTML 174Page - Renesas Technology Corp HD6432607 Datasheet HTML 175Page - Renesas Technology Corp HD6432607 Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 710 page
background image
Section 7 Bus Controller (BSC)
Rev. 1.00 Jan. 29, 2008 Page 132 of 666
REJ09B0427-0100
7.7
Idle Cycle
7.7.1
Operation
When this LSI accesses external address space, it can insert a 1-state idle cycle (T
i) between bus
cycles in the following two cases: (1) when read accesses in different areas occur consecutively
and (2) when a write cycle occurs immediately after a read cycle. By inserting an idle cycle, it is
possible, for example, to avoid data collisions between memory with a long output floating time
(such as ROM) and high-speed memory, I/O interfaces, and so on.
Consecutive Reads in Different Areas: If consecutive reads in different areas occur while the
ICIS1 bit is set to 1 in BCRH, an idle cycle is inserted at the start of the second read cycle.
Figure 7.16 shows an example of the operation in this case. In this example, bus cycle A is a read
cycle for ROM with a long output floating time, and bus cycle B is a read cycle for SRAM, each
being located in a different area. In (a), an idle cycle is not inserted, and a collision occurs in bus
cycle B between the read data from ROM and that from SRAM. In (b), an idle cycle is inserted,
and a data collision is prevented.
T1
Address bus
φ
RD
Bus cycle A
Data bus
T2
T3
T1
T2
Bus cycle B
Long output floating time
Data collision
(a) No idle cycle insertion
(ICIS1 = 0)
T1
Address bus
φ
RD
Bus cycle A
Data bus
T2
T3
Ti
T1
Bus cycle B
(b) Idle cycle insertion
(ICIS1 = 1, initial value)
T2
CS* (area A)
CS* (area B)
CS* (area A)
CS* (area B)
Idle cycle
Note: * The
CS signal is generated outside the LSI.
Figure 7.16 Example of Idle Cycle Operation
(Consecutive Reads in Different Areas)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com