| Electronic Components Datasheet Search |
|
HD6432607 Datasheet(PDF) 176 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432607 Datasheet(HTML) 176 Page - Renesas Technology Corp |
|
176 / 710 page ![]() Section 7 Bus Controller (BSC) Rev. 1.00 Jan. 29, 2008 Page 136 of 666 REJ09B0427-0100 7.9 Bus Arbitration This LSI has a bus arbiter that arbitrates bus mastership operations (bus arbitration). There are two bus masters—the CPU and DTC—that perform read/write operations when they have the bus mastership. Each bus master requests the bus by means of a bus request signal. The bus arbiter determines priorities at the prescribed timing, and permits use of the bus by means of a bus request acknowledge signal. The selected bus master then takes the bus mastership and begins its operation. 7.9.1 Operation The bus arbiter detects the bus masters’ bus request signals, and if the bus is requested, sends a bus request acknowledge signal to the bus master. If there are bus requests from more than one bus master, the bus request acknowledge signal is sent to the one with the highest priority. When a bus master receives the bus request acknowledge signal, it takes the bus mastership until that signal is canceled. The order of priority of the bus masterships is as follows: (High) DTC > CPU (Low) 7.9.2 Bus Transfer Timing Even if a bus request is received from a bus master with a higher priority than that of the bus master that has acquired the bus and is currently operating, the bus is not necessarily transferred immediately. There are specific timings at which each bus master can relinquish the bus. CPU: The CPU is the lowest-priority bus master, and if a bus request is received from the DTC, the bus arbiter transfers the bus to the bus master that issued the request. The timing for transfer of the bus is as follows: • The bus is transferred at a break between bus cycles. However, if a bus cycle is executed in discrete operations, as in the case of a longword-size access, the bus is not transferred between the component operations. • With bit manipulation instructions such as BSET and BCRL, the sequence of operations is: data read (read), relevant bit manipulation operation (modify), write-back (write). The bus is not transferred during this read-modify-write cycle, which is executed as a series of bus cycles. • If the CPU is in sleep mode, the bus is transferred immediately. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |