Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 175Page - Renesas Technology Corp HD6432607 Datasheet HTML 176Page - Renesas Technology Corp HD6432607 Datasheet HTML 177Page - Renesas Technology Corp HD6432607 Datasheet HTML 178Page - Renesas Technology Corp HD6432607 Datasheet HTML 179Page - Renesas Technology Corp HD6432607 Datasheet HTML 180Page - Renesas Technology Corp HD6432607 Datasheet HTML 181Page - Renesas Technology Corp HD6432607 Datasheet HTML 182Page - Renesas Technology Corp HD6432607 Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 710 page
background image
Section 8 Data Transfer Controller (DTC)
Rev. 1.00 Jan. 29, 2008 Page 139 of 666
REJ09B0427-0100
Section 8 Data Transfer Controller (DTC)
This LSI includes a data transfer controller (DTC). The DTC can be activated by an interrupt or
software, to transfer data.
Figure 8.1 shows a block diagram of the DTC.
The DTC’s register information is stored in the on-chip RAM. When the DTC is used, the RAME
bit in SYSCR must be set to 1. A 32-bit bus connects the DTC to the on-chip RAM (1 kbyte),
enabling 32-bit/1-state reading and writing of the DTC register information.
8.1
Features
• Transfer is possible over any number of channels
• Three transfer modes
 Normal, repeat, and block transfer modes are available
• One activation source can trigger a number of data transfers (chain transfer)
• The direct specification of 16-Mbyte address space is possible
• Activation by software is possible
• Transfer can be set in byte or word units
• A CPU interrupt can be requested for the interrupt that activated the DTC
• Module stop mode can be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com