Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 179Page - Renesas Technology Corp HD6432607 Datasheet HTML 180Page - Renesas Technology Corp HD6432607 Datasheet HTML 181Page - Renesas Technology Corp HD6432607 Datasheet HTML 182Page - Renesas Technology Corp HD6432607 Datasheet HTML 183Page - Renesas Technology Corp HD6432607 Datasheet HTML 184Page - Renesas Technology Corp HD6432607 Datasheet HTML 185Page - Renesas Technology Corp HD6432607 Datasheet HTML 186Page - Renesas Technology Corp HD6432607 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 710 page
background image
Section 8 Data Transfer Controller (DTC)
Rev. 1.00 Jan. 29, 2008 Page 143 of 666
REJ09B0427-0100
Bit
Bit Name
Initial
Value
R/W
Description
0
Sz
Undefined
DTC Data Transfer Size
Specifies the size of data to be transferred.
0: Byte-size transfer
1: Word-size transfer
[Legend]
X:
Don't care
8.2.2
DTC Mode Register B (MRB)
MRB is an 8-bit register that selects the DTC operating mode.
Bit
Bit Name
Initial
Value
R/W
Description
7
CHNE
Undefined
DTC Chain Transfer Enable
When this bit is set to 1, a chain transfer will be
performed. For details, refer to section 8.5.4, Chain
Transfer.
In data transfer with CHNE set to 1, determination of
the end of the specified number of transfers, clearing of
the interrupt source flag, and clearing of DTCER, are
not performed.
6
DISEL
Undefined
DTC Interrupt Select
When this bit is set to 1, a CPU interrupt request is
generated every time after the end of a data transfer.
When this bit is set to 0, a CPU interrupt request is
generated at the time when the specified number of
data transfer ends.
5 to 0
Undefined
Reserved
These bits have no effect on DTC operation. Only 0
should be written to these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com