| Electronic Components Datasheet Search |
|
HD6432607 Datasheet(PDF) 186 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432607 Datasheet(HTML) 186 Page - Renesas Technology Corp |
|
186 / 710 page ![]() Section 8 Data Transfer Controller (DTC) Rev. 1.00 Jan. 29, 2008 Page 146 of 666 REJ09B0427-0100 8.2.8 DTC Vector Registers A to G (DTVECRA to DTVECRG) DTVECR is an 8-bit readable/writable register that enables or disables DTC activation by software, and sets a vector number for the software activation interrupt. Bit Bit Name Initial Value R/W Description 7 SWDTE 0 R/W DTC Software Activation Enable Setting this bit to 1 activates DTC. Only 1 can be written to this bit. [Clearing conditions] • When the DISEL bit is 0 and the specified number of transfers have not ended • When 0 is written to the DISEL bit after a software- activated data transfer end interrupt (SWDTEND) request has been sent to the CPU. When the DISEL bit is 1 and data transfer has ended or when the specified number of transfers have ended, this bit will not be cleared. 6 5 4 3 2 1 0 DTVEC6 DTVEC5 DTVEC4 DTVEC3 DTVEC2 DTVEC1 DTVEC0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W DTC Software Activation Vectors 0 to 6 These bits specify a vector number for DTC software activation. The vector address is expressed as H'0400 + (vector number × 2). For example, when DTVEC6 to DTVEC0 = H'10, the vector address is H'0420. When the bit SWDTE is 0, these bits can be written. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |