Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 189 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 185Page - Renesas Technology Corp HD6432607 Datasheet HTML 186Page - Renesas Technology Corp HD6432607 Datasheet HTML 187Page - Renesas Technology Corp HD6432607 Datasheet HTML 188Page - Renesas Technology Corp HD6432607 Datasheet HTML 189Page - Renesas Technology Corp HD6432607 Datasheet HTML 190Page - Renesas Technology Corp HD6432607 Datasheet HTML 191Page - Renesas Technology Corp HD6432607 Datasheet HTML 192Page - Renesas Technology Corp HD6432607 Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 710 page
background image
Section 8 Data Transfer Controller (DTC)
Rev. 1.00 Jan. 29, 2008 Page 149 of 666
REJ09B0427-0100
Table 8.1
Interrupt Sources, DTC Vector Addresses, and Corresponding DTCEs
Interrupt
Source
Origin of
Interrupt Source
Vector Number
DTC
Vector Address
DTCE*
Priority
Software
Write to DTVECR
DTVECR
H'0400 + (vector
number
× 2)
High
External pin
IRQ0
16
H'0420
DTCEA7
IRQ1
17
H'0422
DTCEA6
IRQ2
18
H'0424
DTCEA5
IRQ3
19
H'0426
DTCEA4
IRQ4
20
H'0428
DTCEA3
IRQ5
21
H'042A
DTCEA2
22
H'042C
DTCEA1
Reserved for
system use
23
H'042E
DTCEA0
A/D counter
ADI (A/D
conversion end)
28
H'0438
DTCEB6
TGIA_0
32
H'0440
DTCEB5
TPU_0
TGIB_0
33
H'0442
DTCEB4
TGIC_0
34
H'0444
DTCEB3
TGID_0
35
H'0446
DTCEB2
TGIA_1
40
H'0450
DTCEB1
TPU_1
TGIB_1
41
H'0452
DTCEB0
TGIA_2
44
H'0458
DTCEC7
TPU_2
TGIB_2
45
H'045A
DTCEC6
TGIA_3
48
H'0460
DTCEC5
TPU_3
TGIB_3
49
H'0462
DTCEC4
TGIC_3
50
H'0464
DTCEC3
TGID_3
51
H'0466
DTCEC2
TGIA_4
56
H'0470
DTCEC1
TPU_4
TGIB_4
57
H'0472
DTCEC0
TGIA_5
60
H'0478
DTCED5
TPU_5
TGIB_5
61
H'047A
DTCED4
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com