Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 184Page - Renesas Technology Corp HD6432607 Datasheet HTML 185Page - Renesas Technology Corp HD6432607 Datasheet HTML 186Page - Renesas Technology Corp HD6432607 Datasheet HTML 187Page - Renesas Technology Corp HD6432607 Datasheet HTML 188Page - Renesas Technology Corp HD6432607 Datasheet HTML 189Page - Renesas Technology Corp HD6432607 Datasheet HTML 190Page - Renesas Technology Corp HD6432607 Datasheet HTML 191Page - Renesas Technology Corp HD6432607 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 710 page
background image
Section 8 Data Transfer Controller (DTC)
Rev. 1.00 Jan. 29, 2008 Page 148 of 666
REJ09B0427-0100
8.4
Location of Register Information and DTC Vector Table
Locate the register information in the on-chip RAM (addresses: H'FFEBC0 to H'FFEFBF).
Register information should be located at an address that is a multiple of four within the range.
Locating the register information in address space is shown in figure 8.3. Locate the MRA, SAR,
MRB, DAR, CRA, and CRB registers, in that order, from the start address of the register
information.
In the case of chain transfer, register information should be located in consecutive areas and the
register information start address should be located at the vector address corresponding to the
interrupt source as shown in figure 8.3. The DTC reads the start address of the register information
from the vector address set for each activation source, and then reads the register information from
that start address.
When the DTC is activated by software, the vector address is obtained from: H'0400 +
(DTVECR[6:0]
× 2). For example, if DTVECR is H'10, the vector address is H'0420. The
configuration of the vector address is the same in both normal and advanced modes, a 2-byte unit
being used in both cases. These two bytes specify the lower bits of the register information start
address.
MRA
0123
SAR
MRB
DAR
CRA
CRB
MRA
SAR
MRB
DAR
CRA
CRB
Lower address
4 bytes
Register information
Register information
for 2nd transfer in
chain transfer
Register
information
start address
Chain
transfer
Figure 8.3 Location of DTC Register Information in Address Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com