Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 183Page - Renesas Technology Corp HD6432607 Datasheet HTML 184Page - Renesas Technology Corp HD6432607 Datasheet HTML 185Page - Renesas Technology Corp HD6432607 Datasheet HTML 186Page - Renesas Technology Corp HD6432607 Datasheet HTML 187Page - Renesas Technology Corp HD6432607 Datasheet HTML 188Page - Renesas Technology Corp HD6432607 Datasheet HTML 189Page - Renesas Technology Corp HD6432607 Datasheet HTML 190Page - Renesas Technology Corp HD6432607 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 710 page
background image
Section 8 Data Transfer Controller (DTC)
Rev. 1.00 Jan. 29, 2008 Page 147 of 666
REJ09B0427-0100
8.3
Activation Sources
The DTC operates when activated by an interrupt or by a write to DTVECR by software. An
interrupt request can be directed to the CPU or DTC, as designated by the corresponding DTCER
bit. At the end of a data transfer (or the last consecutive transfer in the case of chain transfer), the
activation source or corresponding DTCER bit is cleared. The activation source flag, in the case
of RXI_0, for example, is the RDRF flag of SCI_0.
When an interrupt has been designated a DTC activation source, the existing CPU mask level and
interrupt controller priorities have no effect. If there is more than one activation source at the same
time, the DTC operates in accordance with the default priorities.
Figure 8.2 shows a block diagram of DTC activation source control. For details, see section 5,
Interrupt Controller.
CPU
DTC
DTCER
Source flag cleared
On-chip
supporting
module
IRQ interrupt
Interrupt
request
Clear
Clear
controller
Clear request
Interrupt controller
Interrupt mask
Select
DTVECR
Figure 8.2 Block Diagram of DTC Activation Source Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com