Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 171Page - Renesas Technology Corp HD6432607 Datasheet HTML 172Page - Renesas Technology Corp HD6432607 Datasheet HTML 173Page - Renesas Technology Corp HD6432607 Datasheet HTML 174Page - Renesas Technology Corp HD6432607 Datasheet HTML 175Page - Renesas Technology Corp HD6432607 Datasheet HTML 176Page - Renesas Technology Corp HD6432607 Datasheet HTML 177Page - Renesas Technology Corp HD6432607 Datasheet HTML 178Page - Renesas Technology Corp HD6432607 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 710 page
background image
Section 7 Bus Controller (BSC)
Rev. 1.00 Jan. 29, 2008 Page 135 of 666
REJ09B0427-0100
7.8
Write Data Buffer Function
This LSI has a write data buffer function for the external data bus. Using the write data buffer
function enables external writes to be executed in parallel with internal accesses. The write data
buffer function is made available by setting the WDBE bit to 1 in BCRL.
Figure 7.19 shows an example of the timing when the write data buffer function is used. When this
function is used, if an external address space write continues for two states or longer, and there is
an internal access next, an external write only is executed in the first state, but from the next state
onward an internal access (on-chip memory or internal I/O register read/write) is executed in
parallel with the external address space write rather than waiting until it ends.
T1
Internal address bus
A23 to A0
External write cycle
HWR, LWR
T2
TW
TW
T3
On-chip memory read
Internal I/O register read
Internal read signal
D15 to D0
External address
Internal memory
External space
write
Internal I/O register address
Figure 7.19 Example of Timing when Write Data Buffer Function is Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com