Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 193Page - Renesas Technology Corp HD6432607 Datasheet HTML 194Page - Renesas Technology Corp HD6432607 Datasheet HTML 195Page - Renesas Technology Corp HD6432607 Datasheet HTML 196Page - Renesas Technology Corp HD6432607 Datasheet HTML 197Page - Renesas Technology Corp HD6432607 Datasheet HTML 198Page - Renesas Technology Corp HD6432607 Datasheet HTML 199Page - Renesas Technology Corp HD6432607 Datasheet HTML 200Page - Renesas Technology Corp HD6432607 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 710 page
background image
Section 8 Data Transfer Controller (DTC)
Rev. 1.00 Jan. 29, 2008 Page 157 of 666
REJ09B0427-0100
8.5.5
Interrupts
An interrupt request is issued to the CPU when the DTC has completed the specified number of
data transfers, or a data transfer for which the DISEL bit was set to 1. In the case of interrupt
activation, the interrupt set as the activation source is generated. These interrupts to the CPU are
subject to CPU mask level and interrupt controller priority level control.
In the case of software activation, a software-activated data transfer end interrupt (SWDTEND) is
generated.
When the DISEL bit is 1 and one data transfer has been completed, or the specified number of
transfers have been completed, after data transfer ends the SWDTE bit is held at 1 and an
SWDTEND interrupt is generated. The interrupt handling routine will then clear the SWDTE bit
to 0.
When the DTC is activated by software, an SWDTEND interrupt is not generated during a data
transfer wait or during data transfer even if the SWDTE bit is set to 1.
8.5.6
Operation Timing
φ
DTC activation
request
DTC
request
Address
Vector read
Read Write
Data transfer
Transfer
information write
Transfer
information read
Figure 8.9 DTC Operation Timing (Example in Normal Mode or Repeat Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com