Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 196Page - Renesas Technology Corp HD6432607 Datasheet HTML 197Page - Renesas Technology Corp HD6432607 Datasheet HTML 198Page - Renesas Technology Corp HD6432607 Datasheet HTML 199Page - Renesas Technology Corp HD6432607 Datasheet HTML 200Page - Renesas Technology Corp HD6432607 Datasheet HTML 201Page - Renesas Technology Corp HD6432607 Datasheet HTML 202Page - Renesas Technology Corp HD6432607 Datasheet HTML 203Page - Renesas Technology Corp HD6432607 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 710 page
background image
Section 8 Data Transfer Controller (DTC)
Rev. 1.00 Jan. 29, 2008 Page 160 of 666
REJ09B0427-0100
For example, when the DTC vector address table is located in the on-chip ROM, normal mode is
set, and data is transferred from on-chip ROM to an internal I/O register, then the time required for
the DTC operation is 13 states. The time from activation to the end of the data write is 10 states.
8.6
Procedures for Using DTC
8.6.1
Activation by Interrupt
The procedure for using the DTC with interrupt activation is as follows:
1. Set the MRA, MRB, SAR, DAR, CRA, and CRB register information in on-chip RAM.
2. Set the start address of the register information in the DTC vector address.
3. Set the corresponding bit in DTCER to 1.
4. Set the enable bits for the interrupt sources to be used as the activation sources to 1. The DTC
is activated when an interrupt used as an activation source is generated.
5. After one data transfer has been completed, or after the specified number of data transfers have
been completed, the DTCE bit is cleared to 0 and a CPU interrupt is requested. If the DTC is to
continue transferring data, set the DTCE bit to 1.
8.6.2
Activation by Software
The procedure for using the DTC with software activation is as follows:
1. Set the MRA, MRB, SAR, DAR, CRA, and CRB register information in on-chip RAM.
2. Set the start address of the register information in the DTC vector address.
3. Check that the SWDTE bit is 0.
4. Write 1 to SWDTE bit and the vector number to DTVECR.
5. Check the vector number written to DTVECR.
6. After one data transfer has been completed, if the DISEL bit is 0 and a CPU interrupt is not
requested, the SWDTE bit is cleared to 0. If the DTC is to continue transferring data, set the
SWDTE bit to 1. When the DISEL bit is 1, or after the specified number of data transfers have
been completed, the SWDTE bit is held at 1 and a CPU interrupt is requested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com