Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 195Page - Renesas Technology Corp HD6432607 Datasheet HTML 196Page - Renesas Technology Corp HD6432607 Datasheet HTML 197Page - Renesas Technology Corp HD6432607 Datasheet HTML 198Page - Renesas Technology Corp HD6432607 Datasheet HTML 199Page - Renesas Technology Corp HD6432607 Datasheet HTML 200Page - Renesas Technology Corp HD6432607 Datasheet HTML 201Page - Renesas Technology Corp HD6432607 Datasheet HTML 202Page - Renesas Technology Corp HD6432607 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 710 page
background image
Section 8 Data Transfer Controller (DTC)
Rev. 1.00 Jan. 29, 2008 Page 159 of 666
REJ09B0427-0100
8.5.7
Number of DTC Execution States
Table 8.5 lists execution status for a single DTC data transfer, and table 8.6 shows the number of
states required for each execution status.
Table 8.5
DTC Execution Status
Mode
Vector Read
I
Register Information
Read/Write
J
Data Read
K
Data Write
L
Internal
Operations
M
Normal
1
6
1
1
3
Repeat
1
6
1
1
3
Block transfer
1
6
N
N
3
[Legend]
N:
Block size (initial setting of CRAH and CRAL)
Table 8.6
Number of States Required for Each Execution Status
Object to be Accessed
On-
Chip
RAM
On-
Chip
ROM
On-Chip I/O
Registers
External Devices*
Bus width
32
16
8
16
8
16
Access states
1
1
2
2
2
3
2
3
Vector read S
I
1
4
6+2m 2
3+m
Execution
status
Register information
read/write S
J
1
Byte data read S
K
1
1
2
2
2
3+m
2
3+m
Word data read S
K
1
1
4
2
4
6+2m 2
3+m
Byte data write S
L
1
1
2
2
2
3+m
2
3+m
Word data write S
L
1
1
4
2
4
6+2m 2
3+m
Internal operation S
M
1
Note:
*
Not available in this LSI.
The number of execution states is calculated from using the formula below. Note that
Σ is the sum
of all transfers activated by one activation source (the number in which the CHNE bit is set to 1,
plus 1).
Number of execution states = I · (1
+ S
I) + Σ (J · SJ + K · SK + L · SL) + M · SM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com