Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 207Page - Renesas Technology Corp HD6432607 Datasheet HTML 208Page - Renesas Technology Corp HD6432607 Datasheet HTML 209Page - Renesas Technology Corp HD6432607 Datasheet HTML 210Page - Renesas Technology Corp HD6432607 Datasheet HTML 211Page - Renesas Technology Corp HD6432607 Datasheet HTML 212Page - Renesas Technology Corp HD6432607 Datasheet HTML 213Page - Renesas Technology Corp HD6432607 Datasheet HTML 214Page - Renesas Technology Corp HD6432607 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 710 page
background image
Section 9 I/O Ports
Rev. 1.00 Jan. 29, 2008 Page 171 of 666
REJ09B0427-0100
9.1.2
Port 1 Data Register (P1DR)
P1DR stores output data for the port 1 pins.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
P17DR
P16DR
P15DR
P14DR
P13DR
P12DR
P11DR
P10DR
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
An output data for a pin is stored when the pin function
is specified to a general purpose output port.
9.1.3
Port 1 Register (PORT1)
PORT1 shows the pin states. It cannot be modified.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
P17
P16
P15
P14
P13
P12
P11
P10
*
*
*
*
*
*
*
*
R
R
R
R
R
R
R
R
If this register read is performed while P1DDR bits are
set to 1, the P1DR values are read. If this register read
is performed while P1DDR bits are cleared to 0, the pin
states are read.
Note:
*
Determined by state of pins P17 to P10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com