Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 208Page - Renesas Technology Corp HD6432607 Datasheet HTML 209Page - Renesas Technology Corp HD6432607 Datasheet HTML 210Page - Renesas Technology Corp HD6432607 Datasheet HTML 211Page - Renesas Technology Corp HD6432607 Datasheet HTML 212Page - Renesas Technology Corp HD6432607 Datasheet HTML 213Page - Renesas Technology Corp HD6432607 Datasheet HTML 214Page - Renesas Technology Corp HD6432607 Datasheet HTML 215Page - Renesas Technology Corp HD6432607 Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 710 page
background image
Section 9 I/O Ports
Rev. 1.00 Jan. 29, 2008 Page 172 of 666
REJ09B0427-0100
9.1.4
Pin Functions
The correspondence between the register specification and the pin functions is shown below.
• P17/PO15/TIOCB2/TCLKD
The pin function is switched as shown below according to the combination of the TPU channel 2
setting (by bits MD3 to MD0 in TMDR_2, bits IOB3 to IOB0 in TIOR_2, and bits CCLR1 and
CCLR0 in TCR_2), bits TPSC2 to TPSC0 in TCR_0 and TCR_5, bit NDER15 in NDERH, and bit
P17DDR.
TPU Channel 2
Setting
Table below (1)
Table below (2)
P17DDR
0
1
1
NDER15
0
1
Pin function
TIOCB2 output
P17 input
P17 output
PO15 output
TIOCB2 input*
1
TCLKD input*
2
TPU channel 2
setting
(2)
(1)
(2)
(2)
(1)
(2)
MD3 to MD0
B'0000, B'01xx
B'0010
B'0011
IOB3 to IOB0
B'0000
B'0100
B'1xxx
B'0001 to B'0011
B'0101 to B'0111
B'xx00
Other than B'xx00
CCLR1, CCLR0
Other than
B'10
B'10
Output function
Output compare
output
PWM mode
2 output
[Legend]
x:
Don't care
Notes: 1. TIOCB2 input when MD3 to MD0 = B'0000 or B'01xx, and IOB3 = 1.
2. TCLKD input when the setting for either TCR_0 or TCR_5 is: TPSC2 to TPSC0 =
B'111. TCLKD input when channels 2 and 4 are set to phase counting mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com