Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 210Page - Renesas Technology Corp HD6432607 Datasheet HTML 211Page - Renesas Technology Corp HD6432607 Datasheet HTML 212Page - Renesas Technology Corp HD6432607 Datasheet HTML 213Page - Renesas Technology Corp HD6432607 Datasheet HTML 214Page - Renesas Technology Corp HD6432607 Datasheet HTML 215Page - Renesas Technology Corp HD6432607 Datasheet HTML 216Page - Renesas Technology Corp HD6432607 Datasheet HTML 217Page - Renesas Technology Corp HD6432607 Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 710 page
background image
Section 9 I/O Ports
Rev. 1.00 Jan. 29, 2008 Page 174 of 666
REJ09B0427-0100
• P15/PO13/TIOCB1/TCLKC
The pin function is switched as shown below according to the combination of the TPU channel 1
setting (by bits MD3 to MD0 in TMDR_1, bits IOB3 to IOB0 in TIOR_1, and bits CCLR1 and
CCLR0 in TCR_1), bits TPSC2 to TPSC0 in TCR_0, TCR_2, TCR_4, and TCR_5, bit NDER13
in NDERH, and bit P15DDR.
TPU channel 1
setting
Table below (1)
Table below (2)
P15DDR
0
1
1
NDER13
0
1
Pin function
TIOCB1 output
P15 input
P15 output
PO13 output
TIOCB1 input*
1
TCLKC input*
2
TPU channel 1
setting
(2)
(1)
(2)
(2)
(1)
(2)
MD3 to MD0
B'0000, B'01xx
B'0010
B'0011
IOB3 to IOB0
B'0000
B'0100
B'1xxx
B'0001 to B'0011
B'0101 to B'0111
B'xx00
Other than B'xx00
CCLR1, CCLR0
Other than
B'10
B'10
Output function
Output compare
output
PWM
mode 2
output
[Legend]
x:
Don't care
Notes: 1. TIOCB1 input when MD3 to MD0 = B'0000 or B'01xx, and IOB3 to IOB0 = B'10xx.
2. TCLKC input when the setting for either TCR_0 or TCR_2 is: TPSC2 to TPSC0 =
B'110; or when the setting for either TCR_4 or TCR_5 is TPSC2 to TPSC0 = B'101.
TCLKC input when channels 2 and 4 are set to phase counting mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com