Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 126Page - Renesas Technology Corp SH7205 Datasheet HTML 127Page - Renesas Technology Corp SH7205 Datasheet HTML 128Page - Renesas Technology Corp SH7205 Datasheet HTML 129Page - Renesas Technology Corp SH7205 Datasheet HTML 130Page - Renesas Technology Corp SH7205 Datasheet HTML 131Page - Renesas Technology Corp SH7205 Datasheet HTML 132Page - Renesas Technology Corp SH7205 Datasheet HTML 133Page - Renesas Technology Corp SH7205 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 1904 page
background image
Section 3 Floating-Point Unit (FPU)
Rev. 1.00 Mar. 25, 2008 Page 98 of 1868
REJ09B0372-0100
3.3.2
Floating-Point Status/Control Register (FPSCR)
FPSCR is a 32-bit register that controls floating-point instructions, sets FPU exceptions, and
selects the rounding mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000100
R
R
R
R
R
R
R
R
R
R/W
R
R/W
R/W
R
R/W
R/W
0000000000000001
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
-
-
-
-
-
-
-
-
-
QIS
-
SZ
PR
DN
Cause
Cause
Enable
Flag
RM1
RM0
Bit
Bit Name
Initial
Value
R/W
Description
31 to 23
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
22
QIS
0
R/W
Nonnunerical Processing Mode
0: Processes qNaN or
±∞ as such
1: Treats qNaN or
±∞ as the same as sNaN (valid only
when FPSCR.Enable.V = 1)
21
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
20
SZ
0
R/W
Transfer Size Mode
0: Data size of FMOV instruction is 32-bits
1: Data size of FMOV instruction is a 32-bit register pair
(64 bits)
19
PR
0
R/W
Precision Mode
0: Floating-point instructions are executed as single-
precision operations
1: Floating-point instructions are executed as double-
precision operations (graphics support instructions
are undefined)
18
DN
1
R
Denormalization Mode (Always fixed to 1 in SH2A-
FPU)
1: Denormalized number is treated as zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com