Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 127Page - Renesas Technology Corp SH7205 Datasheet HTML 128Page - Renesas Technology Corp SH7205 Datasheet HTML 129Page - Renesas Technology Corp SH7205 Datasheet HTML 130Page - Renesas Technology Corp SH7205 Datasheet HTML 131Page - Renesas Technology Corp SH7205 Datasheet HTML 132Page - Renesas Technology Corp SH7205 Datasheet HTML 133Page - Renesas Technology Corp SH7205 Datasheet HTML 134Page - Renesas Technology Corp SH7205 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 1904 page
background image
Section 3 Floating-Point Unit (FPU)
Rev. 1.00 Mar. 25, 2008 Page 99 of 1868
REJ09B0372-0100
Bit
Bit Name
Initial
Value
R/W
Description
17 to 12
Cause
H'00
R/W
11 to 7
Enable
H'00
R/W
6 to 2
Flag
H'00
R/W
FPU Exception Cause Field
FPU Exception Enable Field
FPU Exception Flag Field
Each time floating-point operation instruction is
executed, the FPU exception cause field is cleared to 0
first. When an FPU exception on floating-point
operation occurs, the bits corresponding to the FPU
exception cause field and FPU exception flag field are
set to 1. The FPU exception flag field remains set to 1
until it is cleared to 0 by software.
As the bits corresponding to FPU exception enable
filed are sets to 1, FPU exception processing occurs.
For bit allocations of each field, see table 3.3.
1
0
RM1
RM0
0
1
R/W
R/W
Rounding Mode
These bits select the rounding mode.
00: Round to Nearest
01: Round to Zero
10: Reserved
11: Reserved
Table 3.3
Bit Allocation for FPU Exception Handling
Field Name
FPU
Error (E)
Invalid
Operation (V)
Division
by Zero (Z)
Overflow
(O)
Underflow
(U)
Inexact
(I)
Cause
FPU exception
cause field
Bit 17
Bit 16
Bit 15
Bit 14
Bit 13
Bit 12
Enable
FPU exception
enable field
None
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Flag
FPU exception flag
field
None
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Note:
No FPU error occurs in the SH2A-FPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com