Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 131Page - Renesas Technology Corp SH7205 Datasheet HTML 132Page - Renesas Technology Corp SH7205 Datasheet HTML 133Page - Renesas Technology Corp SH7205 Datasheet HTML 134Page - Renesas Technology Corp SH7205 Datasheet HTML 135Page - Renesas Technology Corp SH7205 Datasheet HTML 136Page - Renesas Technology Corp SH7205 Datasheet HTML 137Page - Renesas Technology Corp SH7205 Datasheet HTML 138Page - Renesas Technology Corp SH7205 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 1904 page
background image
Section 3 Floating-Point Unit (FPU)
Rev. 1.00 Mar. 25, 2008 Page 103 of 1868
REJ09B0372-0100
These possibilities of each exceptional handling on floating-point operation are shown in the
individual instruction descriptions. All exception events that originate in the floating-point
operation are assigned as the same FPU exceptional handling event. The meaning of an exception
generated by floating-point operation is determined by software by reading from FPSCR and
interpreting the information it contains. Also, the destination register is not changed when FPU
exception handling operation occurs.
Except for the above, the FPU disables exception handling. In every processing, the bit
corresponding to source V, Z, O, U, or I is set to 1, and a default value is generated as the
operation result.
• Invalid operation (V): qNaN is generated as the result.
• Division by zero (Z): Infinity with the same sign as the unrounded value is generated.
• Overflow (O):
When rounding mode = RZ, the maximum normalized number, with the same sign as the
unrounded value, is generated.
When rounding mode = RN, infinity with the same sign as the unrounded value is generated.
• Underflow (U):
Zero with the same sign as the unrounded value is generated.
• Inexact exception (I): An inexact result is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com