Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 133Page - Renesas Technology Corp SH7205 Datasheet HTML 134Page - Renesas Technology Corp SH7205 Datasheet HTML 135Page - Renesas Technology Corp SH7205 Datasheet HTML 136Page - Renesas Technology Corp SH7205 Datasheet HTML 137Page - Renesas Technology Corp SH7205 Datasheet HTML 138Page - Renesas Technology Corp SH7205 Datasheet HTML 139Page - Renesas Technology Corp SH7205 Datasheet HTML 140Page - Renesas Technology Corp SH7205 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 1904 page
background image
Section 4 Multi-Core Processor
Rev. 1.00 Mar. 25, 2008 Page 105 of 1868
REJ09B0372-0100
Section 4 Multi-Core Processor
This LSI includes two SH2A CPUs (CPU0 and CPU1). Dual CPUs provide this LSI with strong
levels of performance (through distribution of load) and functionality (through distribution of
functions) in processing, which cannot be achieved by a single CPU.
4.1
Features
• Synchronization control between CPUs
Inter-processor interrupts support control of synchronization between the two CPUs (see
section 7, Interrupt Controller (INTC)).
• Exclusive control for shared resources
Semaphore control registers support exclusive control for shared resources.
• Floating-point unit (FPU), cache memory, and high-speed on-chip RAM are provided for each
CPU
Each CPU has its own FPU, cache memory, and high-speed on-chip RAM.
The high-speed on-chip RAM can be configured as shared RAM space or as CPU-specific
RAM space by enabling or disabling access from the other CPU (see section 29, On-Chip
RAM).
• Power-down modes (see section 30, Power-Down Modes)
To reduce power consumption, this LSI can move between dual-processor mode, where both
CPUs are operating, single-processor mode, where one CPU is in the sleep state, and dual-
sleep mode, where both CPUs are in the sleep state. By making transitions between these
modes in accordance with the load, power consumption can be reduced while high
performance is maintained.
• Multiple-internal-bus structure (see section 1, Overview)
To prevent deterioration in performance due to both CPUs and the DMAC not being able to
get bus mastership, multiple (four) internal buses are provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com