Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 135Page - Renesas Technology Corp SH7205 Datasheet HTML 136Page - Renesas Technology Corp SH7205 Datasheet HTML 137Page - Renesas Technology Corp SH7205 Datasheet HTML 138Page - Renesas Technology Corp SH7205 Datasheet HTML 139Page - Renesas Technology Corp SH7205 Datasheet HTML 140Page - Renesas Technology Corp SH7205 Datasheet HTML 141Page - Renesas Technology Corp SH7205 Datasheet HTML 142Page - Renesas Technology Corp SH7205 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 1904 page
background image
Section 4 Multi-Core Processor
Rev. 1.00 Mar. 25, 2008 Page 107 of 1868
REJ09B0372-0100
Register Name
Abbreviation R/W
Initial
Value
Address
Access
Size
Semaphore register 25
SEMR25
R*
2/W
H'00
H'FFFC1E64
8
Semaphore register 26
SEMR26
R*
2/W
H'00
H'FFFC1E68
8
Semaphore register 27
SEMR27
R*
2/W
H'00
H'FFFC1E6C
8
Semaphore register 28
SEMR28
R*
2/W
H'00
H'FFFC1E70
8
Semaphore register 29
SEMR29
R*
2/W
H'00
H'FFFC1E74
8
Semaphore register 30
SEMR30
R*
2/W
H'00
H'FFFC1E78
8
Semaphore register 31
SEMR31
R*
2/W
H'00
H'FFFC1E7C
8
Notes: 1. The values H'10111000 and H'50110800, respectively, are read out in response to
reading by CPU0 and CPU1.
2. After being read, the register is cleared to H'00.
4.2.1
CPU ID Register (CPUIDR)
The CPU ID register indicates the CPU number (CPU0 or CPU1).
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
*********
RRRRRRRRR
*******
RRRRRRR
*********
RRRRRRRRR
*******
RRRRRRR
-
ID
-------
-------
---------
-------
Bit
Bit Name
Initial
Value
R/W
Description
31
*
R
Reserved
A fixed value is read from this bit.
30
ID
*
R
Indicates the CPU number.
“0” is read by CPU0, and “1” is read by CPU1.
29 to 0
*
R
Reserved
A fixed value is read from these bits.
Note:
*
Overall values of H'10111000 and H'50110800, respectively, are read out in response
to reading by CPU0 and CPU1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com