Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 138Page - Renesas Technology Corp SH7205 Datasheet HTML 139Page - Renesas Technology Corp SH7205 Datasheet HTML 140Page - Renesas Technology Corp SH7205 Datasheet HTML 141Page - Renesas Technology Corp SH7205 Datasheet HTML 142Page - Renesas Technology Corp SH7205 Datasheet HTML 143Page - Renesas Technology Corp SH7205 Datasheet HTML 144Page - Renesas Technology Corp SH7205 Datasheet HTML 145Page - Renesas Technology Corp SH7205 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 1904 page
background image
Section 4 Multi-Core Processor
Rev. 1.00 Mar. 25, 2008 Page 110 of 1868
REJ09B0372-0100
4.3.2
Exclusive Control for CPUs
(1)
Using the Semaphore Registers for Exclusive Control of CPU Access to Resources
A procedure for exclusive control of resource access by the two CPUs is given below. A sample
program for this procedure is shown in figure 4.2.
1. In the initialization routine for either of the CPUs, set all of the SEMF bits in SEMR0 to
SEMR31 to 1 (this indicates that all resources are free).
2. For example, assume that SEMR0 is used for semaphore control of resource A and that CPU0
wants to use resource A. In this case, CPU0 should read the SEMF bit in SEMR0 repeatedly
until the bit is read as 1
3. CPU0 recognizes that it has read 1 from the SEMF bit in SEMR0. This clears the SEMF bit to
0.
4. CPU0 then uses resource A. While resource A is in use by CPU0, CPU1 can only read 0
(resource A is in use) from the SEMF bit of SEMR0, and thus cannot use resource A.
5. After CPU0 has finished using resource A, it sets the SEMF bit in SEMR0 to 1 (resource A is
free).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com