Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 142Page - Renesas Technology Corp SH7205 Datasheet HTML 143Page - Renesas Technology Corp SH7205 Datasheet HTML 144Page - Renesas Technology Corp SH7205 Datasheet HTML 145Page - Renesas Technology Corp SH7205 Datasheet HTML 146Page - Renesas Technology Corp SH7205 Datasheet HTML 147Page - Renesas Technology Corp SH7205 Datasheet HTML 148Page - Renesas Technology Corp SH7205 Datasheet HTML 149Page - Renesas Technology Corp SH7205 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 1904 page
background image
Section 5 Clock Pulse Generator (CPG)
Rev. 1.00 Mar. 25, 2008 Page 114 of 1868
REJ09B0372-0100
Figure 5.1 shows a block diagram of the clock pulse generator.
USB_X1
PLL circuit
(
× 12, 16)
Crystal
oscillator
On-chip oscillator
Peripheral bus
Bus interface
EXTAL
XTAL
MD_CLK1
MD_CLK0
FRQCR0
FRQCR1
CPG control unit
Clock frequency control circuit
Standby control circuit
Crystal
oscillator
USB_X2
× 1
× 1/2
× 1/3
× 1/4
× 1/6
× 1/8
× 1/12
CPU 0 internal clock
(I0
φ Max.: 200MHz)
CPU 1 internal clock
(I1
φ Max.: 200MHz)
Bus clock
(B
φ Max.: 66.67MHz)
Peripheral clock
(P
φ Max.: 33.33MHz)
Divider 2
× 1
× 1/2
× 1/4
Divider 1
CKIO
[Legend]
FRQCR0: Frequency control register 0
FRQCR1: Frequency control register 1
Figure 5.1 Block Diagram of Clock Pulse Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com