| Electronic Components Datasheet Search |
|
SH7205 Datasheet(PDF) 149 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7205 Datasheet(HTML) 149 Page - Renesas Technology Corp |
|
149 / 1904 page ![]() Section 5 Clock Pulse Generator (CPG) Rev. 1.00 Mar. 25, 2008 Page 117 of 1868 REJ09B0372-0100 5.2 Input/Output Pins Table 5.1 lists the clock pulse generator pins and their functions. Table 5.1 Pin Configuration and Functions of the Clock Pulse Generator Pin Name Symbol I/O Function (Clock Operating Mode 0, 1) Function (Clock Operating Mode 2) Function (Clock Operating Mode 3) MD_ CLK0 Input Sets clock operating mode. Mode control pins MD_ CLK1 Input Sets clock operating mode. XTAL Output Connected to the crystal resonator. (Leave this pin open when the crystal resonator is not in use.) Leave this pin open. Leave this pin open. Crystal input/output pins (clock input pins) EXTAL Input Connected to the crystal resonator or used to input external clock. Pull-up this pin. Pull-up this pin. Clock input/output pin CKIO I/O Clock output pin Clock input pin Clock output pin USB_X1 Input Connected to the crystal resonator to input the clock for USB only, or used to input external clock. When USB is not used, this pin should be pulled up. Connected to the crystal resonator to input the clock for USB only, or used to input external clock. When USB is not used, this pin should be pulled up. Connected to the crystal resonator to input the clock for both USB and the LSI, or used to input external clock. Crystal input/output pins for USB (clock input pins) USB_X2 Output Connected to the crystal resonator for USB. (Leave this pin open when the crystal resonator is not in use.) Connected to the crystal resonator for USB. (Leave this pin open when the crystal resonator is not in use.) Connected to the crystal resonator for both USB and the LSI. (Leave this pin open when the crystal resonator is not in use.) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |