Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 146Page - Renesas Technology Corp SH7205 Datasheet HTML 147Page - Renesas Technology Corp SH7205 Datasheet HTML 148Page - Renesas Technology Corp SH7205 Datasheet HTML 149Page - Renesas Technology Corp SH7205 Datasheet HTML 150Page - Renesas Technology Corp SH7205 Datasheet HTML 151Page - Renesas Technology Corp SH7205 Datasheet HTML 152Page - Renesas Technology Corp SH7205 Datasheet HTML 153Page - Renesas Technology Corp SH7205 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 1904 page
background image
Section 5 Clock Pulse Generator (CPG)
Rev. 1.00 Mar. 25, 2008 Page 118 of 1868
REJ09B0372-0100
5.3
Clock Operating Modes
Table 5.2 shows the relationship between the combinations of the mode control pins (MD_CLK1
and MD_CLK0) and the clock operating modes. Table 5.3 shows the usable frequency ranges in
clock operating modes.
Table 5.2
Clock Operating Modes
Pin Values
Clock I/O
Mode MD_CLK1
MD_CLK0
Source
Output
Divider 1
PLL Circuit
On/Off
CKIO Frequency
0
0
0
EXTAL or crystal
resonator
CKIO
1
ON (12, 16)
(EXTAL or crystal
resonator)
× 4
1
0
1
EXTAL or crystal
resonator
CKIO
1/2
ON (12, 16)
(EXTAL or crystal
resonator)
× 2
2
1
0
CKIO
1/4
ON (12, 16)
(CKIO)
3
1
1
USB_X1 or
crystal resonator
CKIO
1/4
ON (12, 16)
(USB_X1 or
crystal resonator)
• Mode 0
In mode 0, a clock is input from the EXTAL pin or the crystal oscillator. The PLL circuit
shapes waveforms and the frequency is multiplied according to the frequency control register
setting before the clock is supplied to the LSI. The oscillating frequency for the crystal
resonator and EXTAL pin input clock ranges from 10 to 16.67 MHz. The frequency range of
CKIO is from 40 to 66.66 MHz. The internal clock frequency is the EXTAL pin frequency
multiplied by the frequency multiplication rate of the PLL circuit and the division ratio of the
divider 2. To reduce current, pull up the USB_X1 pin and open the USB_X2 pin when USB is
not used.
• Mode 1
In mode 1, a clock is input from the EXTAL pin or the crystal oscillator. The PLL circuit
shapes waveforms and the frequency is multiplied according to the frequency control register
setting before the clock is supplied to the LSI. The oscillating frequency for the crystal
resonator and EXTAL pin input clock ranges from 20 to 33.33 MHz. The frequency range of
CKIO is from 40 to 66.66 MHz. The internal clock frequency is half the EXTAL pin frequency
multiplied by the frequency multiplication rate of the PLL circuit and the division ratio of the
divider 2. To reduce current, pull up the USB_X1 pin and open the USB_X2 pin when USB is
not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com