Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 150Page - Renesas Technology Corp SH7205 Datasheet HTML 151Page - Renesas Technology Corp SH7205 Datasheet HTML 152Page - Renesas Technology Corp SH7205 Datasheet HTML 153Page - Renesas Technology Corp SH7205 Datasheet HTML 154Page - Renesas Technology Corp SH7205 Datasheet HTML 155Page - Renesas Technology Corp SH7205 Datasheet HTML 156Page - Renesas Technology Corp SH7205 Datasheet HTML 157Page - Renesas Technology Corp SH7205 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 1904 page
background image
Section 5 Clock Pulse Generator (CPG)
Rev. 1.00 Mar. 25, 2008 Page 122 of 1868
REJ09B0372-0100
PLL
Multiplication
Rate
Selectable Frequency Range (MHz)
Clock
Operating
Mode
FRQCR0
Register
Setting*
1
FRQCR1
Register
Setting
PLL Circuit
Ratio of
Internal Clock
Frequencies
(I
0:I1:B:P)*
2
Input
Clock*
3
Internal Clock
(I
0φ)
Internal Clock
(I
1φ)
Bus Clock
(B
φ = CKIO Pin)
Peripheral
Clock (P
φ)
H'x104
H'0000
ON (×12)
3:3:1:1/2
48
144
144
48
24
H'x104
H'0020
ON (×12)
3:1:1:1/2
48
144
48
48
24
H'x106
H'0000
ON (×12)
3:3:1:1/4
48
144
144
48
12
H'x106
H'0020
ON (×12)
3:1:1:1/4
48
144
48
48
12
H'x124
H'0000
ON (×12)
1:3:1:1/2
48
48
144
48
24
H'x124
H'0020
ON (×12)
1:1:1:1/2
48
48
48
48
24
H'x126
H'0000
ON (×12)
1:3:1:1/4
48
48
144
48
12
H'x126
H'0020
ON (×12)
1:1:1:1/4
48
48
48
48
12
H'x205
H'0000
ON (×16)
4:4:1:1/2
48
192
192
48
24
H'x205
H'0010
ON (×16)
4:2:1:1/2
48
192
96
48
24
H'x206
H'0000
ON (×16)
4:4:1:1/4
48
192
192
48
12
H'x206
H'0010
ON (×16)
4:2:1:1/4
48
192
96
48
12
H'x215
H'0000
ON (×16)
2:4:1:1/2
48
96
192
48
24
H'x215
H'0010
ON (×16)
2:2:1:1/2
48
96
96
48
24
H'x216
H'0000
ON (×16)
2:4:1:1/4
48
96
192
48
12
3
H'x216
H'0010
ON (×16)
2:2:1:1/4
48
96
96
48
12
Notes: 1. x in the FRQCR0 register setting depends on the set value in bits 12, 13, and 14.
2. The ratio of clock frequencies, where the input clock frequency is assumed to be 1.
3. In mode 0 or 1, the frequency of the EXTAL pin input clock or the crystal resonator
In mode 2, the frequency of the CKIO pin input clock.
In mode 3, the frequency of the USB_X1 pin input clock or the crystal resonator
Cautions: Do not use this LSI for frequency settings other than those in table 5.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com