Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 151Page - Renesas Technology Corp SH7205 Datasheet HTML 152Page - Renesas Technology Corp SH7205 Datasheet HTML 153Page - Renesas Technology Corp SH7205 Datasheet HTML 154Page - Renesas Technology Corp SH7205 Datasheet HTML 155Page - Renesas Technology Corp SH7205 Datasheet HTML 156Page - Renesas Technology Corp SH7205 Datasheet HTML 157Page - Renesas Technology Corp SH7205 Datasheet HTML 158Page - Renesas Technology Corp SH7205 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 1904 page
background image
Section 5 Clock Pulse Generator (CPG)
Rev. 1.00 Mar. 25, 2008 Page 123 of 1868
REJ09B0372-0100
5.4
Register Descriptions
The clock pulse generator has the following registers.
Table 5.4
Register Configuration
Initial Value
Register Name
Abbreviation
R/W
Clock Modes 0, 1, 2
Clock Mode 3
Address
Access
Size
FRQCR0
R/W
H'0124
H'0215
H'FFFE0010
16
Frequency
control register
FRQCR1
R/W
H'0020
H'0010
H'FFFE0012
16
5.4.1
Frequency Control Registers 0 and 1 (FRQCR0 and FRQCR1)
(1) FRQCR0
FRQCR0 is a 16-bit readable/writable register used to specify whether a clock is output from the
CKIO pin during normal operation mode, changes in the multiplication rate of the PLL circuit,
software standby mode, and standby mode cancellation. The register also specifies the frequency
multiplication rate of the PLL circuit and the frequency division ratio for the CPU0 internal clock
(I
0φ) and peripheral clock (Pφ). The FRQCR0 register should be changed only from CPU0.
Bit:
Initial value:
R/W:
15
14
13
12
11
10
987654321
0
000000
0/1*
0/1*
0
0
0/1*
0/1*
010
0/1*
R
R/W
R/W
R/W
R
R
R/W
R/W
R
R
R/W
R/W
R
R/W
R/W
R/W
-
CKOEN[1:0]
CKO
EN2
-
-
STC[1:0]
-
-
IFC[1:0]
-
PFC[2:0]
Bit
Bit Name
Initial
Value
R/W
Description
15
0
R
Reserved
This bit is always read as 0. The write value should always
be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com