Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 155Page - Renesas Technology Corp SH7205 Datasheet HTML 156Page - Renesas Technology Corp SH7205 Datasheet HTML 157Page - Renesas Technology Corp SH7205 Datasheet HTML 158Page - Renesas Technology Corp SH7205 Datasheet HTML 159Page - Renesas Technology Corp SH7205 Datasheet HTML 160Page - Renesas Technology Corp SH7205 Datasheet HTML 161Page - Renesas Technology Corp SH7205 Datasheet HTML 162Page - Renesas Technology Corp SH7205 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 1904 page
background image
Section 5 Clock Pulse Generator (CPG)
Rev. 1.00 Mar. 25, 2008 Page 127 of 1868
REJ09B0372-0100
(2) FRQCR1
FRQCR1 is a 16-bit readable/writable register used to specify the frequency division ratio of the
CPU1 internal clock (I
1φ). The FRQCR1 register should be changed only from CPU1.
Bit:
Initial value:
R/W:
15
14
13
12
11
10
987654321
0
0
0
00000000
0/1*
0/1*
0000
RRRRRRRRRR
R/W
R/W
RRRR
-
-
-----
-
--
-
-
-
-
IFC[1:0]
Bit
Bit Name
Initial
Value
R/W
Description
15 to 6
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
5, 4
IFC[1:0]
10/01*
R/W
Division Ratio of CPU1 Internal Clock Frequency (I
1φ)
Specify the division ratio for the CPU1 internal clock, which
is used in division of the output frequency of the PLL
circuit.
• Clock modes 0, 1, and 2
00:
× 1
01:
× 1/2
10:
× 1/3 (initial value)
11: Reserved (setting prohibited)
• Clock mode 3
00:
× 1
01:
× 1/2 (initial value)
10:
× 1/3
11: Reserved (setting prohibited)
3 to 0
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
Note:
*
The initial value depends on clock mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com