Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 158Page - Renesas Technology Corp SH7205 Datasheet HTML 159Page - Renesas Technology Corp SH7205 Datasheet HTML 160Page - Renesas Technology Corp SH7205 Datasheet HTML 161Page - Renesas Technology Corp SH7205 Datasheet HTML 162Page - Renesas Technology Corp SH7205 Datasheet HTML 163Page - Renesas Technology Corp SH7205 Datasheet HTML 164Page - Renesas Technology Corp SH7205 Datasheet HTML 165Page - Renesas Technology Corp SH7205 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 1904 page
background image
Section 5 Clock Pulse Generator (CPG)
Rev. 1.00 Mar. 25, 2008 Page 130 of 1868
REJ09B0372-0100
5.5.2
Changing the Division Ratio
Counting by WDT0 does not proceed if the frequency division ratio is changed but the
multiplication rate is not. However, when changing the division ratio of a peripheral clock, after
specifying CPU1 not to be interrupted, place CPU1 in the sleep state and perform the operation
from CPU0. When changing the division ratio of only the internal clock of CPU1, it is not
necessary to place CPU1 in the sleep state.
• When the CPU0 internal clock is changed from CPU0
1. The initial state depends on clock mode. See table 5.4.
2. Set the desired values in the IFC1 and IFC0 bits and the PFC2 to PFC0 bits of FRQCR0. The
values that can be set are limited by the clock operating mode and the multiplication rate of the
PLL circuit. Note that if the wrong value is set, this LSI will malfunction.
3. After the register bits (IFC[1:0] and PFC[2:0] of FRQCR0) have been set, the clock generated
with the new division ratio is supplied.
• When the CPU1 internal clock is changed from CPU1
1. The initial state depends on clock mode. See table 5.4.
2. Set the desired value in IFC[1:0] of FRQCR1. The values that can be set are limited by clock
operating mode and the multiplication rate of the PLL circuit. Note that if the wrong value is
set, this LSI will malfunction.
3. After the register bits (IFC[1:0] of FRQCR1) have been set, the clock generated with the new
division ratio is supplied.
Note:
When executing the SLEEP instruction after changing the frequency, read the frequency
control register 0 (FRQCR0) or frequency control register 1 (FRQCR1) three times and
then execute the SLEEP instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com