Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 157Page - Renesas Technology Corp SH7205 Datasheet HTML 158Page - Renesas Technology Corp SH7205 Datasheet HTML 159Page - Renesas Technology Corp SH7205 Datasheet HTML 160Page - Renesas Technology Corp SH7205 Datasheet HTML 161Page - Renesas Technology Corp SH7205 Datasheet HTML 162Page - Renesas Technology Corp SH7205 Datasheet HTML 163Page - Renesas Technology Corp SH7205 Datasheet HTML 164Page - Renesas Technology Corp SH7205 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 1904 page
background image
Section 5 Clock Pulse Generator (CPG)
Rev. 1.00 Mar. 25, 2008 Page 129 of 1868
REJ09B0372-0100
6. To change the WTCNT0 value after executing a frequency changing instruction, read
WTCNT0 to make sure that it holds a value of H'00.
7. Since the CPU1 stays in the sleep state after execution of the frequency changing instruction,
wake it up by using an interrupt or other means before using it.
Figure 5.2 shows a sample procedure for changing the multiplication rate of the PLL circuit from
×12 to ×16 in clock mode 0.
Execute the sleep instruction from CPU1 to
place CPU1 in the sleep state.
Read FRQCR1 3 times from CPU1.
Reset
Access FRQCR1 from CPU1 to change
the setting from H'0020 to H'0000.
Configure WDT0.
• Stop WDT0.
(Set the TME bit of WTCSR0 to B'0.)
• Set the division ratio of the WDT0 count clock.
(Set the CKS bit of WTCSR0 to B'110.)
• Set the initial value of WDT0 counter.
(Set the WTCNT0 to H'00.)
Access FRQCR0 from CPU0 to change
the setting from H'0124 to H'0205.
The LSI stops operation temporarily
and counting up by WDT0 starts.
Supply of the set clock starts on overflow of
WDT0 and CPU0 starts operation.
Read C1MSR from CPU0 to make sure that
CPU1 is in the sleep state.
Read the register until C1MSR is set to H'01.
Since CPU1 is still in the sleep state, wake
it up by interrupt or other means before use.
Figure 5.2 Sample Procedure for Changing the Multiplication Rate of the PLL Circuit
from
×12 to ×16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com