Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 160Page - Renesas Technology Corp SH7205 Datasheet HTML 161Page - Renesas Technology Corp SH7205 Datasheet HTML 162Page - Renesas Technology Corp SH7205 Datasheet HTML 163Page - Renesas Technology Corp SH7205 Datasheet HTML 164Page - Renesas Technology Corp SH7205 Datasheet HTML 165Page - Renesas Technology Corp SH7205 Datasheet HTML 166Page - Renesas Technology Corp SH7205 Datasheet HTML 167Page - Renesas Technology Corp SH7205 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 1904 page
background image
Section 5 Clock Pulse Generator (CPG)
Rev. 1.00 Mar. 25, 2008 Page 132 of 1868
REJ09B0372-0100
5.6
Notes on Board Design
5.6.1
Note on Inputting the External Clock
Figure 5.3 is an example of connection for the external clock input. When the XTAL pin is to be
left open, ensure the parasitic capacitance is 10 pF or less. To input the external clock at power-on
or recovery from the standby state, wait longer than the oscillation stabilization time.
EXTAL
XTAL
External clock input
Open state
Example of connection with XTAL pin open
Figure 5.3 Example of Connecting External Clock
5.6.2
Note on Using a Crystal Resonator
Place the crystal resonator and capacitors CL1 and CL2 as close as possible to the XTAL and
EXTAL pins. In addition, to minimize induction and thus obtain oscillation at the correct
frequency, the capacitors to be attached to the resonator must be connected to the common ground.
Do not bring wiring patterns close to these components.
CL1
CL2
EXTAL
XTAL
Signal lines prohibited
This LSI
The values for CL1 and CL2
should be determined after
consultation with the crystal
resonator manufacturer.
Note:
Reference value
CL1 = 10 pF
CL2 = 10 pF
Figure 5.4 Note on Using a Crystal Resonator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com