Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 152Page - Renesas Technology Corp SH7205 Datasheet HTML 153Page - Renesas Technology Corp SH7205 Datasheet HTML 154Page - Renesas Technology Corp SH7205 Datasheet HTML 155Page - Renesas Technology Corp SH7205 Datasheet HTML 156Page - Renesas Technology Corp SH7205 Datasheet HTML 157Page - Renesas Technology Corp SH7205 Datasheet HTML 158Page - Renesas Technology Corp SH7205 Datasheet HTML 159Page - Renesas Technology Corp SH7205 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 1904 page
background image
Section 5 Clock Pulse Generator (CPG)
Rev. 1.00 Mar. 25, 2008 Page 124 of 1868
REJ09B0372-0100
Bit
Bit Name
Initial
Value
R/W
Description
14
CKOEN2
0
R/W
Clock Output Enable 2
Specifies whether the CKIO pin outputs clock signals or is
fixed at low during a change of the frequency multiplication
rate of the PLL circuit.
If this bit is set to 1, the CKIO pin is fixed at low during a
change of the frequency multiplication rate of the PLL
circuit. Therefore, the malfunction of an external circuit
caused by an unstable CKIO clock during a change of the
frequency multiplication rate of the PLL circuit can be
prevented. In clock operating mode 2, the CKIO pin
functions as an input regardless of the value of these bits.
0: An unstable clock is output.
1: A low level is output.
13, 12
CKOEN
[1:0]
00
R/W
Clock Output Enable
Specifies whether the CKIO pin outputs a clock signal, or is
tied to a fixed level or high impedance (Hi-Z) during normal
operation, standby mode, and exit from standby mode.
If these bits are set to 01, the CKIO pin is fixed at low
during standby mode or cancellation of standby mode.
Therefore, the malfunction of an external circuit caused by
an unstable CKIO clock during exit from standby mode can
be prevented. In clock operating mode 2, the CKIO pin
functions as an input regardless of the value of these bits.
In standby mode, the state in normal mode is retained.
Normal operation
Standby mode
00
Output
Output off (Hi-Z)
01
Output
Low-level output
10
Output
Output (unstable clock output)
11
Output off (Hi-Z)
Output off (Hi-Z)
11, 10
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com