Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 141Page - Renesas Technology Corp SH7205 Datasheet HTML 142Page - Renesas Technology Corp SH7205 Datasheet HTML 143Page - Renesas Technology Corp SH7205 Datasheet HTML 144Page - Renesas Technology Corp SH7205 Datasheet HTML 145Page - Renesas Technology Corp SH7205 Datasheet HTML 146Page - Renesas Technology Corp SH7205 Datasheet HTML 147Page - Renesas Technology Corp SH7205 Datasheet HTML 148Page - Renesas Technology Corp SH7205 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 1904 page
background image
Section 5 Clock Pulse Generator (CPG)
Rev. 1.00 Mar. 25, 2008 Page 113 of 1868
REJ09B0372-0100
Section 5 Clock Pulse Generator (CPG)
This LSI has a clock pulse generator (CPG) that generates internal clocks (I
0φ and I1φ), a
peripheral clock (P
φ), and a bus clock (Bφ). The CPG consists of a crystal oscillator, PLL circuits,
and divider circuits.
5.1
Features
• Four clock operating modes
The mode is selected from among the four clock operating modes based on the frequency
range to be used and the input clock type: the clock from the crystal resonator, the external
clock or the clock for USB.
• Three clocks generated independently
Internal clocks (I
0φ and I1φ) for the CPU and cache, a peripheral clock (Pφ) for peripheral
modules, and a bus clock (B
φ = CKIO) for the external bus interface can be generated
independently.
• Frequency change function
Internal and peripheral clock frequencies can be changed independently using the PLL (phase
locked loop) circuits and divider circuits within the CPG. Frequencies are changed by software
using the settings of the frequency control registers 0 and 1 (FRQCR0 and FRQCR1).
• Power-down mode control
The clock can be stopped and specific modules can be stopped using the module standby
function in power-down modes. For details on clock control in power-down mode, see section
30, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com