Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 42Page - Renesas Technology Corp H83065 Datasheet HTML 43Page - Renesas Technology Corp H83065 Datasheet HTML 44Page - Renesas Technology Corp H83065 Datasheet HTML 45Page - Renesas Technology Corp H83065 Datasheet HTML 46Page - Renesas Technology Corp H83065 Datasheet HTML 47Page - Renesas Technology Corp H83065 Datasheet HTML 48Page - Renesas Technology Corp H83065 Datasheet HTML 49Page - Renesas Technology Corp H83065 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 963 page
background image
Section 2 CPU
Rev. 4.00 Jan 26, 2006 page 24 of 938
REJ09B0276-0400
• High-speed operation
 All frequently-used instructions execute in two to four states
 Maximum clock frequency:
20 MHz
 8/16/32-bit register-register add/subtract: 100 ns
 8 × 8-bit register-register multiply:
700 ns
 16 ÷ 8-bit register-register divide:
700 ns
 16 × 16-bit register-register multiply: 1.1 µs
 32 ÷ 16-bit register-register divide:
1.1 µs
• Two CPU operating modes
 Normal mode
 Advanced mode
• Low-power mode
Transition to power-down state by SLEEP instruction
2.1.2
Differences from H8/300 CPU
In comparison to the H8/300 CPU, the H8/300H has the following enhancements.
• More general registers
Eight 16-bit registers have been added.
• Expanded address space
 Advanced mode supports a maximum 16-Mbyte address space.
 Normal mode supports the same 64-kbyte address space as the H8/300 CPU.
• Enhanced addressing
The addressing modes have been enhanced to make effective use of the 16-Mbyte address
space.
• Enhanced instructions
 Data transfer, arithmetic, and logic instructions can operate on 32-bit data.
 Signed multiply/divide instructions and other instructions have been added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com