Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 19Page - Renesas Technology Corp H83065 Datasheet HTML 20Page - Renesas Technology Corp H83065 Datasheet HTML 21Page - Renesas Technology Corp H83065 Datasheet HTML 22Page - Renesas Technology Corp H83065 Datasheet HTML 23Page - Renesas Technology Corp H83065 Datasheet HTML 24Page - Renesas Technology Corp H83065 Datasheet HTML 25Page - Renesas Technology Corp H83065 Datasheet HTML 26Page - Renesas Technology Corp H83065 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 963 page
background image
Section 1 Overview
Rev. 4.00 Jan 26, 2006 page 1 of 938
REJ09B0276-0400
Section 1 Overview
1.1
Overview
The H8/3067 Group is a group of microcontrollers (MCUs) that integrate system supporting
functions together with an H8/300H CPU core having an original Renesas architecture.
The H8/300H CPU has a 32-bit internal architecture with sixteen 16-bit general registers, and a
concise, optimized instruction set designed for speed. It can address a 16-Mbyte linear address
space. Its instruction set is upward-compatible at the object-code level with the H8/300 CPU,
enabling easy porting of software from the H8/300 Series.
The on-chip system supporting functions include ROM, RAM, a 16-bit timer, an 8-bit timer, a
programmable timing pattern controller (TPC), a watchdog timer (WDT), a serial communication
interface (SCI), an A/D converter, a D/A converter, I/O ports, a direct memory access controller
(DMAC), and other facilities.
The three members of the H8/3067 Group are the H8/3067, the H8/3066, and the H8/3065. The
H8/3067 has 128 kbytes of ROM and 4 kbytes of RAM. The H8/3066 has 96 kbytes of ROM and
4 kbytes of RAM. The H8/3065 has 64 kbytes of ROM and 2 kbytes of RAM.
Seven MCU operating modes offer a choice of bus width and address space size. The modes
(modes 1 to 7) include two single-chip modes and five expanded modes.
In addition to the mask ROM versions, the H8/3067 Group includes an F-ZTAT™* version with
on-chip flash memory that can be programmed on-board. This version enables users to respond
quickly and flexibly to changing application specifications, growing production volumes, and
other conditions.
Table 1.1 summarizes the features of the H8/3067 Group.
Note: * F-ZTAT™ (Flexible ZTAT) is a trademark of Renesas Technology Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com