Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 28Page - Renesas Technology Corp H83065 Datasheet HTML 29Page - Renesas Technology Corp H83065 Datasheet HTML 30Page - Renesas Technology Corp H83065 Datasheet HTML 31Page - Renesas Technology Corp H83065 Datasheet HTML 32Page - Renesas Technology Corp H83065 Datasheet HTML 33Page - Renesas Technology Corp H83065 Datasheet HTML 34Page - Renesas Technology Corp H83065 Datasheet HTML 35Page - Renesas Technology Corp H83065 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 963 page
background image
Section 1 Overview
Rev. 4.00 Jan 26, 2006 page 10 of 938
REJ09B0276-0400
1.3.2
Pin Functions
Table 1.2 summarizes the pin functions.
Table 1.2
Pin Functions
Pin No.
Type
Symbol
PRQP
0100KA-A
PTQP
0100KA-A
PRQP
0100JE-B
I/O
Name and Function
Power
V
CC
1, 35, 68
3, 37, 70
Input
Power: For connection to the power
supply.
Connect all V
CC pins to the system power
supply.
V
SS
11, 22, 44,
57, 65, 92
13, 24, 46,
59, 67, 94
Input
Ground: For connection to ground (0 V).
Connect all V
SS pins to the 0-V system
power supply.
Clock
XTAL
67
69
Input
For connection to a crystal resonator.
For examples of crystal resonator and
external clock input, see section 19, Clock
Pulse Generator.
EXTAL
66
68
Input
For connection to a crystal resonator or
input of an external clock signal. For
examples of crystal resonator and external
clock input, see section 19, Clock Pulse
Generator.
φ
61
63
Output
System clock: Supplies the system clock
to external devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com