Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 29Page - Renesas Technology Corp H83065 Datasheet HTML 30Page - Renesas Technology Corp H83065 Datasheet HTML 31Page - Renesas Technology Corp H83065 Datasheet HTML 32Page - Renesas Technology Corp H83065 Datasheet HTML 33Page - Renesas Technology Corp H83065 Datasheet HTML 34Page - Renesas Technology Corp H83065 Datasheet HTML 35Page - Renesas Technology Corp H83065 Datasheet HTML 36Page - Renesas Technology Corp H83065 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 963 page
background image
Section 1 Overview
Rev. 4.00 Jan 26, 2006 page 11 of 938
REJ09B0276-0400
Pin No.
Type
Symbol
PRQP
0100KA-A
PTQP
0100KA-A
PRQP
0100JE-B
I/O
Name and Function
Operating
mode
control
MD
2 to
MD
0
75 to 73
77 to 75
Input
Mode 2 to mode 0: For setting the
operating mode, as follows. Inputs at these
pins must not be changed during operation.
MD
2
MD
1
MD
0
Operating Mode
00
0
—
0
0
1
Mode 1
0
1
0
Mode 2
0
1
1
Mode 3
1
0
0
Mode 4
1
0
1
Mode 5
1
1
0
Mode 6
1
1
1
Mode 7
System
control
RES
63
65
Input
Reset input: When driven low, this pin
resets the chip
RESO
10
12
Output
Reset output (Mask ROM version):
Outputs the reset signal generated by the
watchdog timer to external devices
FWE
10
12
Input
Write enable signal (Flash memory and
flash memory R versions): Flash memory
write control signal
STBY
62
64
Input
Standby: When driven low, this pin forces
a transition to hardware standby mode
BREQ
59
61
Input
Bus request: Used by an external bus
master to request the bus right
BACK
60
62
Output
Bus request acknowledge: Indicates that
the bus has been granted to an external
bus master
Interrupts NMI
64
66
Input
Nonmaskable interrupt: Requests a
nonmaskable interrupt
IRQ
5 to
IRQ
0
17, 16,
90 to 87
19, 18,
92 to 89
Input
Interrupt request 5 to 0: Maskable
interrupt request pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com