Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 20Page - Renesas Technology Corp H83065 Datasheet HTML 21Page - Renesas Technology Corp H83065 Datasheet HTML 22Page - Renesas Technology Corp H83065 Datasheet HTML 23Page - Renesas Technology Corp H83065 Datasheet HTML 24Page - Renesas Technology Corp H83065 Datasheet HTML 25Page - Renesas Technology Corp H83065 Datasheet HTML 26Page - Renesas Technology Corp H83065 Datasheet HTML 27Page - Renesas Technology Corp H83065 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 963 page
background image
Section 1 Overview
Rev. 4.00 Jan 26, 2006 page 2 of 938
REJ09B0276-0400
Table 1.1
Features
Feature
Description
CPU
Upward-compatible with the H8/300 CPU at the object-code level
General-register machine
• Sixteen 16-bit general registers
(also usable as sixteen 8-bit registers or eight 32-bit registers)
High-speed operation
• Maximum clock rate: 20 MHz
• Add/subtract: 100 ns
• Multiply/divide: 700 ns
16-Mbyte address space
Instruction features
• 8/16/32-bit data transfer, arithmetic, and logic instructions
• Signed and unsigned multiply instructions (8 bits x 8 bits, 16 bits x 16 bits)
• Signed and unsigned divide instructions (16 bits ÷ 8 bits, 32 bits ÷ 16 bits)
• Bit accumulator function
• Bit manipulation instructions with register-indirect specification of bit positions
Memory
H8/3067
• ROM: 128 kbytes
• RAM: 4 kbytes
H8/3066
• ROM: 96 kbytes
• RAM: 4 kbytes
H8/3065
• ROM: 64 kbytes
• RAM: 2 kbytes
Interrupt
controller
• Seven external interrupt pins: NMI, IRQ
0 to IRQ5
• 36 internal interrupts
• Three selectable interrupt priority levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com