Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 109Page - Renesas Technology Corp H83065 Datasheet HTML 110Page - Renesas Technology Corp H83065 Datasheet HTML 111Page - Renesas Technology Corp H83065 Datasheet HTML 112Page - Renesas Technology Corp H83065 Datasheet HTML 113Page - Renesas Technology Corp H83065 Datasheet HTML 114Page - Renesas Technology Corp H83065 Datasheet HTML 115Page - Renesas Technology Corp H83065 Datasheet HTML 116Page - Renesas Technology Corp H83065 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 963 page
background image
Section 5 Interrupt Controller
Rev. 4.00 Jan 26, 2006 page 91 of 938
REJ09B0276-0400
Section 5 Interrupt Controller
5.1
Overview
5.1.1
Features
The interrupt controller has the following features:
• Interrupt priority registers (IPRs) for setting interrupt priorities
Interrupts other than NMI can be assigned to two priority levels on a module-by-module basis
in interrupt priority registers A and B (IPRA and IPRB).
• Three-level masking by the I and UI bits in the CPU condition code register (CCR)
• Seven external interrupt pins
NMI has the highest priority and is always accepted*; either the rising or falling edge can be
selected. For each of IRQ
0 to IRQ5, sensing of the falling edge or level sensing can be selected
independently.
Note: * In the flash memory and flash memory R versions, NMI input is sometimes disabled. For
details see 18.6.4, NMI Input Disable Conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com