Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 116Page - Renesas Technology Corp H83065 Datasheet HTML 117Page - Renesas Technology Corp H83065 Datasheet HTML 118Page - Renesas Technology Corp H83065 Datasheet HTML 119Page - Renesas Technology Corp H83065 Datasheet HTML 120Page - Renesas Technology Corp H83065 Datasheet HTML 121Page - Renesas Technology Corp H83065 Datasheet HTML 122Page - Renesas Technology Corp H83065 Datasheet HTML 123Page - Renesas Technology Corp H83065 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 963 page
background image
Section 5 Interrupt Controller
Rev. 4.00 Jan 26, 2006 page 98 of 938
REJ09B0276-0400
Bit 3—Priority Level A3 (IPRA3): Selects the priority level of WDT, DRAM interface, and A/D
converter interrupt requests.
Bit 3
IPRA3
Description
0
WDT, DRAM interface, and A/D converter interrupt requests have priority level 0
(low priority)
(Initial value)
1
WDT, DRAM interface, and A/D converter interrupt requests have priority level 1
(high priority)
Bit 2—Priority Level A2 (IPRA2): Selects the priority level of 16-bit timer channel 0 interrupt
requests.
Bit 2
IPRA2
Description
0
16-bit timer channel 0 interrupt requests have priority level 0 (low priority) (Initial value)
1
16-bit timer channel 0 interrupt requests have priority level 1 (high priority)
Bit 1—Priority Level A1 (IPRA1): Selects the priority level of 16-bit timer channel 1 interrupt
requests.
Bit 1
IPRA1
Description
0
16-bit timer channel 1 interrupt requests have priority level 0 (low priority) (Initial value)
1
16-bit timer channel 1 interrupt requests have priority level 1 (high priority)
Bit 0—Priority Level A0 (IPRA0): Selects the priority level of 16-bit timer channel 2 interrupt
requests.
Bit 0
IPRA0
Description
0
16-bit timer channel 2 interrupt requests have priority level 0 (low priority) (Initial value)
1
16-bit timer channel 2 interrupt requests have priority level 1 (high priority)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com