Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 134Page - Renesas Technology Corp H83065 Datasheet HTML 135Page - Renesas Technology Corp H83065 Datasheet HTML 136Page - Renesas Technology Corp H83065 Datasheet HTML 137Page - Renesas Technology Corp H83065 Datasheet HTML 138Page - Renesas Technology Corp H83065 Datasheet HTML 139Page - Renesas Technology Corp H83065 Datasheet HTML 140Page - Renesas Technology Corp H83065 Datasheet HTML 141Page - Renesas Technology Corp H83065 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 963 page
background image
Section 5 Interrupt Controller
Rev. 4.00 Jan 26, 2006 page 116 of 938
REJ09B0276-0400
5.4.3
Interrupt Response Time
Table 5.5 indicates the interrupt response time from the occurrence of an interrupt request until the
first instruction of the interrupt service routine is executed.
Table 5.5
Interrupt Response Time
External Memory
On-Chip
8-Bit Bus
16-Bit Bus
No.
Item
Memory
2 States
3 States
2 States
3 States
1
Interrupt priority
decision
2*
1
2*
1
2*
1
2*
1
2*
1
2
Maximum number
of states until end of
current instruction
1 to 23
1 to 27
1 to 31*
4
1 to 23
1 to 25*
4
3
Saving PC and CCR
to stack
48
12*
4
46*
4
4
Vector fetch
4
8
12*
4
46*
4
5
Instruction prefetch*
2
48
12*
4
46*
4
6
Internal processing*
3
44
4
4
4
Total
19 to 41
31 to 57
43 to 73
19 to 41
25 to 49
Notes: 1. 1 state for internal interrupts.
2. Prefetch after the interrupt is accepted and prefetch of the first instruction in the
interrupt service routine.
3. Internal processing after the interrupt is accepted and internal processing after vector
fetch.
4. The number of states increases if wait states are inserted in external memory access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com