Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 332Page - Renesas Technology Corp SH7014 Datasheet HTML 333Page - Renesas Technology Corp SH7014 Datasheet HTML 334Page - Renesas Technology Corp SH7014 Datasheet HTML 335Page - Renesas Technology Corp SH7014 Datasheet HTML 336Page - Renesas Technology Corp SH7014 Datasheet HTML 337Page - Renesas Technology Corp SH7014 Datasheet HTML 338Page - Renesas Technology Corp SH7014 Datasheet HTML 339Page - Renesas Technology Corp SH7014 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 754 page
background image
11. Watchdog Timer (WDT)
Rev.5.00 Sep. 27, 2007 Page 302 of 716
REJ09B0398-0500
11.4
Usage Notes
11.4.1
TCNT Write and Increment Contention
If a timer counter increment clock pulse is generated during the T
3 state of a write cycle to the
TCNT, the write takes priority and the timer counter is not incremented (figure 11.8).
CK
Address
Internal
write signal
TCNT
input clock
TCNT
NM
TCNT address
Counter write data
T1
T2
T3
TCNT write cycle
Figure 11.8 Contention between TCNT Write and Increment
11.4.2
Changing CKS2 to CKS0 Bit Values
If the values of bits CKS2 to CKS0 are altered while the WDT is running, the count may
increment incorrectly. Always stop the watchdog timer (by clearing the TME bit to 0) before
changing the values of bits CKS2 to CKS0.
11.4.3
Changing between Watchdog Timer/Interval Timer Modes
To prevent incorrect operation, always stop the watchdog timer (by clearing the TME bit to 0)
before switching between interval timer mode and watchdog timer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com